PART |
Description |
Maker |
8655MH1501 |
SHIELDED HOODS - TWO PART HOODS
|
FCI-CONNECTOR[FCI connector]
|
A-USBPA-HOOD-BLK-R-ND Q4739125 AE10636 |
Hoods USB-Assembly, Type A, Male, Black
|
Assmann Electronics Inc.
|
ASM1815R-5 ASM1815R-20 ASM1815R-10 ASM1815R-5F_T A |
1-CHANNEL POWER SUPPLY SUPPORT CKT, PBCY3 Low Power, 3.3V/3.0V uP Reset Active LOW, Push-Pull Output 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 Multipole Connector; No. of Contacts:50; Pitch Spacing:2mm; No. of Rows:2; Gender:Receptacle; Series:Milli-Grid; Connector Body Material:Thermoplastic; Mounting Type:PC Board; Terminal Type:Straight Pin Low Power CPU Supervisors
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor ...
|
43045-1208 43045-1806 43045-1608 43045-2406 43045- |
Header; No. of Contacts:12; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Right Angle Surface Mount RoHS Compliant: Yes POWER CONNECTOR 430451806 POWER CONNECTOR 430451608 POWER CONNECTOR Microfit 3.0 RA SMT/Clip DR Tin 24 Ckt POWER CONNECTOR 430450206 POWER CONNECTOR
|
Molex, Inc.
|
MIC29201-12BT MIC29201-12BU MIC29201-3.3BM MIC2920 |
ADAPTOR, TNC FEMALE-FEMALE; Connector type A:TNC Female; Connector type B:TNC Female; Material, contact:Beryllium Copper; Plating, contact:Gold over Nickel; Impedance:50R RoHS Compliant: Yes ADAPTOR, TNC JACK-JACK; Connector type A:TNC Female; Connector type B:TNC Female; Impedance:50R RoHS Compliant: Yes Replaced by PTN78060H : 400mA Low-Dropout Voltage Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, PSSO5 400mA Low-Dropout Voltage Regulator 4.85 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, SFM5 400mA Low-Dropout Voltage Regulator 1.24 V-26 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.75 V DROPOUT, SFM5
|
MICREL[Micrel Semiconductor] Micrel Semiconductor,Inc. Micrel Semiconductor, Inc. MICREL INC
|
MX23L3211 MX23L3211MC-10 MX23L3211MC-12 MX23L3211R |
CONNECTOR, MINIUSB, TYPE B, PANEL MNT; Connector type:USB; Gender:Socket; Ways, No. of:4; Plating, contact:Gold; Series:BUCCANEER; Mounting type 32M-BIT MASK ROM (8/16-BIT OUTPUT)
|
Macronix International Co., Ltd. MCNIX[Macronix International]
|
R125791501 R125703001 |
ADAPTOR, SMA M-F, PUSH-ON; Connector type A:SMA Male; Connector type B:SMA Female; Impedance:50R RoHS Compliant: Yes ADAPTOR, SMA PLUG/PLUGADAPTOR, SMA PLUG/PLUG; Connector type A:SMA Plug; Connector type B:SMA Plug; Frequency, operating max:18kHz; Impedance:50R; Insulation Resistance:5000MR; Material:Stainless steel; Material, contact:Beryllium
|
RADIALL S A
|
LM32K10 LM32K101 |
Medium Size Graphic Type LCD Module 中等大小图形型液晶显示模 Sensor Cable Assembly; Connector Type A:Straight Circular Plug, 3 Positions, Socket Contacts; Connector Type B:Stripped End Leads; Cable Length:6ft 中等大小图形型液晶显示模
|
Sharp, Corp.
|
MX23A18SF1 MX23A18XF1 MX23A12NF1 MX23A34SF1 MX23A2 |
Compact Type Low-profiled Waterproof Connector
|
Japan Aviation Electronics Industry, Ltd.
|
AD7890AN-10 AD7890AR-10 AD7890AR-4 AD7890SQ-10 AD7 |
LC2MOS 8-Channel, 12-Bit Serial, Data Acquisition System Circular Connector Cable Assembly; Connector Type A:Circular Receptacle; Connector Type B:Stripped End Leads; Cable Length:10ft; Features:500 Mating Cycles, PVC Jacket, IP67 Rating, E63093 Rated Connector; No. of Contacts:6 RoHS Compliant: Yes 20 Characters x 4 Lines, 5x7 Dot Matrix Character and Cursor LC2MOS 8-Channel/ 12-Bit Serial/ Data Acquisition System DIN Audio Connector; No. of Contacts:6; Contact Termination:Solder; Mounting Type:Panel; Gender:Female; Terminal Type:Solder RoHS Compliant: Yes
|
http:// Analog Devices, Inc.
|